PART |
Description |
Maker |
LTC1407CMSE LTC1407AIMSE |
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling 2-CH 14-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO10
|
Linear Technology, Corp. http://
|
MAX1209 MAX1209ETL |
80 Msps, 12-bit, 3.3 V IF-sampling ADC From old datasheet system 12-Bit, 80Msps, 3.3V IF-Sampling ADC
|
MAXIM - Dallas Semiconductor
|
AD7861 AD7861AP AD7861APZ |
11-Bit Resolution Simultaneous Sampling ADC 7-CH 11-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC44 11-Bit Resolution Simultaneous Sampling A/D Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7863ARS-10REEL AD7863AR-10REEL AD7863AR-10REEL7 |
Simultaneous Sampling Dual 175 kSPS 14-Bit A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1605-2 LTC1605-2CN LTC1605-2I LTC1605-2IN LTC16 |
Single Supply 16-Bit/ 100ksps/ Sampling ADCs 16-Bit, 100ksps, Sampling ADC; Package: PDIP; No of Pins: 28; Temperature Range: -40°C to 85°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Single Supply 16-Bit, 100ksps, Sampling ADCs 单电16位,100ksps的,采样ADC Single Supply 16-Bit, 100ksps, Sampling ADCs 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Single Supply 16-Bit, 100ksps, Sampling ADCs 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Single Supply 16-Bit, 100ksps, Sampling ADCs 单电6位,100ksps的,采样ADC
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX190 MAX191ACNG MAX191ACWG MAX191AENG MAX191AEWG |
75ksps, 5V, 12-Bit ADC with Track/Hold and Reference Low-Power / 12-Bit Sampling ADC with Internal Reference and Power-Down From old datasheet system Low-Power / 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
HI5812KIBZ HI5812JIBZ HI5812JIPZ HI581205 HI5812KI |
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 CMOS 20 Microsecond, 12-Bit, Sampling A/D
Converter with Internal Track and Hold(CMOS 12位片内带跟踪和保持电路的A/D转换
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|